PART |
Description |
Maker |
PM5022-2R2M-RC |
Power Inductor; Series:PM5022; Inductance:2.2uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:7.1A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount
|
BOURNS INC
|
43045-0419 43045-1219 |
Header; No. of Contacts:4; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 4 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT MicroFit 3.0 V SMT /Nail DR 15Au 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
PM3700-80-RC PM3700-30-RC |
Power Inductor; Series:PM3700; Inductance:750uH; Terminal Type:PCB Surface Mount; Current Rating:5.5A; Frequency Max:20MHz; Frequency Min:1MHz; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape
|
Bourns Inc.
|
PM2110-1R0M-RC PM2110-220K-RC PM2110-6R8M-RC |
High I, Toroid Inductor 1 ELEMENT, 1 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD Toroidal Inductor; Series:PM2110; Inductance:22uH; Inductance Tolerance: /- 10 %; Terminal Type:PCB Surface Mount; Current Rating:9.7A; External Height:0.60"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2110; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:13.1A; External Height:0.59"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount
|
Bourns, Inc. BOURNS INC
|
PM2120-821K PM2120-1R2M |
INDUCTOR TOROID 820UH 10% SMD 1 ELEMENT, 820 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:PM2120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:25.4A; External Height:0.82"; Leaded Process Compatible:No; Mounting Type:Surface Mount
|
Bourns, Inc. BOURNS INC
|
HR30-6R-6S HR30-6R-6PC HR30-6RA-6SD HR30-6J-10P HR |
Inductor; Inductor Type:High Frequency; Inductance:4.7nH; Inductance Tolerance: 10 %; Current Rating:500mA; Series:IFC; Package/Case:0805; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape RoHS Compliant: Yes 微型防水塑料连接 0.5 in Diameter, 200mA Single Deck Rotary Switch 微型防水塑料连接 Miniature Waterproof Plastic Connectors 微型防水塑料连接 Inductor; Series:IFC; Inductance:3.9nH; Inductance Tolerance: /- 10 %; Q Factor:15; Self Resonant Frequency:9GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Current Rating:500mA; Leaded Process Compatible:Yes Inductor; Inductor Type:High Frequency; Inductance:8.2nH; Inductance Tolerance: 5 %; Current Rating:500mA; Series:IFC; Package/Case:0603; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
http:// Airborn, Inc. HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
0454.750MR 0452.375MRL 0452.375NRL 045202.5NRL 045 |
Surface Mount Fuses NANO2? > Slo-Blo? > 452/454 Series Surface Mount Fuses Surface Mount Fuses Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series Surface Mount Fuses NANO2? > Slo-Blo? > 452/454 Series The NANO2 Slo-Blo? fuse has enhanced inrush withstand characteristics over the NANO2 Fast-Acting fuse. Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series FAST BLOW ELECTRIC FUSE, 2A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT
|
Littelfuse
|
10CV56AX 10CV68AX |
CV-AX Series / Surface Mount Type Low Impedance at High Frequency
|
Sanyo Electronic
|
PM1812-221J-RC PM1210-470J-RC PM1812-470J-RC PM181 |
SMT Chip Inductors SMD Inductor; Series:PM1210; Inductance:10uH; Inductance Tolerance: /- 5 %; Q Factor:30; Self Resonant Frequency:36MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:150mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1812; Inductance:3.3uH; Inductance Tolerance: /- 5 %; Q Factor:50; Self Resonant Frequency:45MHz; Terminal Type:PCB Surface Mount; Current Rating:335mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1210; Inductance:1.5uH; Inductance Tolerance: /- 5 %; Q Factor:28; Self Resonant Frequency:85MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:370mA; Leaded Process Compatible:Yes
|
Bourns Electronic Solutions BOURNS INC
|
VEU100M1ETR050057 |
ALUMINUM ELECTROLYTIC CAPACITORS VEU Series: Surface Mount Type,105C, Long Life
|
RFE international
|
CC0805ZRY5V6BB103 CC0805ZRY5V5BB103 CC0805ZRY5V7BB |
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS14 SURFACE-MOUNT CERAMIC CERAMIC SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS SURFACE-MOUNT CERAMIC CERAMIC This cpecification describes Y5V series chip catacitors with lead-free terminations. SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS14
|
YAGEO Corporation List of Unclassifed Man...
|
15-91-3300 15-91-3740 15-91-2780 15-91-2160 15-91- |
CGrid SMT Bkwy Hdr 30 SAu 30Ckt Tube 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 74Ckt Tube 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 78Ckt Tube 78 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.1 Pitch 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:20; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 68Ckt Tube 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 80Ckt Tube 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 38Ckt Tube 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 64Ckt Tube 64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:8; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid; Connector Body Material:Plastic; Mounting Type:PC Board; Terminal Type:Right Angle Pin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 16Ckt Tube 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 14Ckt Tube 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 72Ckt Tube 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 36Ckt Tube 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 8Ckt Tube Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.100 Pitch CONN HEADER 12POS .100 VERT TIN 15913040
|
Molex, Inc. MOLEX INC
|
|